Part Number Hot Search : 
FB52N15 520T60 13080 33000 LM158A 2SK1653 2805S LS285
Product Description
Full Text Search
 

To Download MJD295506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJD2955 (PNP) MJD3055 (NPN) Complementary Power Transistors
DPAK For Surface Mount Applications
http://onsemi.com
Designed for general purpose amplifier and low speed switching applications.
Features
* Lead Formed for Surface Mount Applications in Plastic Sleeves * * * * * * *
(No Suffix) Straight Lead Version in Plastic Sleeves ("-1" Suffix) Electrically Similar to MJE2955 and MJE3055 DC Current Gain Specified to 10 Amperes High Current Gain-Bandwidth Product - fT = 2.0 MHz (Min) @ IC = 500 mAdc Epoxy Meets UL 94 V-0 @ 0.125 in ESD Ratings: Human Body Model, 3B u 8000 V Machine Model, C u 400 V Pb-Free Packages are Available
SILICON POWER TRANSISTORS 10 AMPERES 60 VOLTS, 20 WATTS
MARKING DIAGRAMS
4 12 3 DPAK CASE 369C STYLE 1 YWW J xx55G
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current Total Power Dissipation @ TC = 25C Derate above 25C Total Power Dissipation (Note1) @ TA = 25C Derate above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCB VEB IC IB PD{ PD 1.75 0.014 TJ, Tstg -55 to +150 Max 60 70 5 10 6 20 0.16 Unit Vdc Vdc Vdc Adc Adc W W/C W W/C C 1 2 3
4 YWW J xx55G DPAK-3 CASE 369D STYLE 1
Y = Year WW = Work Week Jxx55 = Device Code x = 29 or 30 G = Pb-Free Package
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient (Note1) Symbol RqJC RqJA Max 6.25 71.4 Unit C/W C/W
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Safe Area Curves are indicated by Figure 1. Both limits are applicable and must be observed. 1. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
(c) Semiconductor Components Industries, LLC, 2006
1
January, 2006 - Rev. 8
Publication Order Number: MJD2955/D
MJD2955 (PNP) MJD3055 (NPN)
II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector-Emitter Sustaining Voltage (Note 2) (IC = 30 mAdc, IB = 0) VCEO(sus) ICEO ICEX 60 - - Vdc Collector Cutoff Current (VCE = 30 Vdc, IB = 0) 50 mAdc Collector Cutoff Current (VCE = 70 Vdc, VEB(off) = 1.5 Vdc) (VCE = 70 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C) Collector Cutoff Current (VCB = 70 Vdc, IE = 0) (VCB = 70 Vdc, IE = 0, TC = 150_C) Emitter Cutoff Current (VBE = 5 Vdc, IC = 0) mAdc - - - - - 0.02 2 0.02 2 0.5 ICBO mAdc IEBO mAdc ON CHARACTERISTICS DC Current Gain (Note 2) (IC = 4 Adc, VCE = 4 Vdc) (IC = 10 Adc, VCE = 4 Vdc) hFE - 20 5 - - - 100 - 1.1 8 1.8 Collector-Emitter Saturation Voltage (Note 2) (IC = 4 Adc, IB = 0.4 Adc) (IC = 10 Adc, IB = 3.3 Adc) Base-Emitter On Voltage (Note 2) (IC = 4 Adc, VCE = 4 Vdc) VCE(sat) Vdc VBE(on) Vdc DYNAMIC CHARACTERISTICS Current-Gain - Bandwidth Product (IC = 500 mAdc, VCE = 10 Vdc, f = 500 kHz) fT 2 - MHz 2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
ORDERING INFORMATION
Device MJD2955 MJD2955G MJD2955-001 MJD2955-001G MJD2955T4 MJD2955T4G MJD3055 MJD3055G MJD3055T4 MJD3055T4G Package Type DPAK DPAK (Pb-Free) DPAK-3 DPAK (Pb-Free) DPAK DPAK (Pb-Free) DPAK DPAK (Pb-Free) DPAK DPAK (Pb-Free) 2500 Tape & Reel 369C 75 Units / Rail 2500 Tape & Reel 369D 369C 75 Units / Rail Package Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MJD2955 (PNP) MJD3055 (NPN)
TYPICAL CHARACTERISTICS
TA TC 2.5 25 PD, POWER DISSIPATION (WATTS)
2 20 TC TA SURFACE MOUNT
1.5 15
1 10
0.5
5
0
0
25
50
75
100
125
150
T, TEMPERATURE (C)
Figure 1. Power Derating
500 300 200 hFE , DC CURRENT GAIN 100 50 30 20 10 5 0.01 VCE = 2 V TJ = 150C t, TIME ( s) 25C -55 C
2 1 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 td @ VBE(off) 5 V tr TJ = 25C VCC = 30 V IC/IB = 10
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.06 0.1
0.2
0.4
0.6
1
2
4
6
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT (AMP)
Figure 2. DC Current Gain
Figure 3. Turn-On Time
1.4 1.2 V, VOLTAGE (VOLTS) 1 0.8 0.6 0.4 0.2 0 0.1 VCE(sat) @ IC/IB = 10 0.2 0.3 0.5 1 2 3 5 10 VBE(sat) @ IC/IB = 10 VBE @ VCE = 2 V t, TIME ( s) TJ = 25C
5 3 2 1 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.06 0.1 ts TJ = 25C VCC = 30 V IC/IB = 10 IB1 = IB2
tf
0.2
0.4
0.6
1
2
4
6
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT (AMP)
Figure 4. "On" Voltages, MJD3055
Figure 5. Turn-Off Time
http://onsemi.com
3
MJD2955 (PNP) MJD3055 (NPN)
2 TJ = 25C 25 ms +11 V 1.2 VBE(sat) @ IC/IB = 10 0.8 VBE @ VCE = 3 V 0.4 VCE(sat) @ IC/IB = 10 0 0.1 0.2 0.3 0.5 1 23 IC, COLLECTOR CURRENT (AMP) 5 10 0 -9 V tr, tf 10 ns DUTY CYCLE = 1% 51 -4 V RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS D1 MUST BE FAST RECOVERY TYPE, eg: 1N5825 USED ABOVE IB 100 mA MSD6100 USED BELOW IB 100 mA D1 RB RC SCOPE VCC +30 V
1.6 V, VOLTAGE (VOLTS)
Figure 6. "On" Voltages, MJD2955
Figure 7. Switching Time Test Circuit
r(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1 0.7 0.5 0.3 0.2
D = 0.5 0.2 0.1 0.05 0.02 0.01 SINGLE PULSE RqJC(t) = r(t) RqJC RqJC = 6.25C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) qJC(t) P(pk)
0.1 0.07 0.05 0.03 0.02
t1 t2 DUTY CYCLE, D = t1/t2
0.01 0.01
0.02 0.03 0.05
0.1
0.2 0.3
0.5
1
23 5 t, TIME (ms)
10
20
30
50
100
200 300
500
1k
Figure 8. Thermal Response
10 IC, COLLECTOR CURRENT (AMP) 5 3 2 1 0.5 0.3 0.1 TJ = 150C 500 ms 100 ms 1 ms 5 ms dc
FORWARD BIAS SAFE OPERATING AREA INFORMATION
0.05 0.03 0.02 0.01 0.6 1
WIRE BOND LIMIT THERMAL LIMIT TC = 25C (D = 0.1) SECOND BREAKDOWN LIMIT
2 4 6 10 20 40 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
60
There are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 9 is based on TJ(pk) = 150_C; TC is variable depending on conditions. Second breakdown pulse limits are valid for duty cycles to 10% provided TJ(pk) v 150_C. TJ(pk) may be calculated from the data in Figure 8. At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown.
Figure 9. Maximum Forward Bias Safe Operating Area
http://onsemi.com
4
MJD2955 (PNP) MJD3055 (NPN)
PACKAGE DIMENSIONS
DPAK CASE 369C-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
STYLE 1: PIN 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MJD2955 (PNP) MJD3055 (NPN)
PACKAGE DIMENSIONS
DPAK-3 CASE 369D-01 ISSUE B
B V R
4
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.090 BSC 0.034 0.040 0.018 0.023 0.350 0.380 0.180 0.215 0.025 0.040 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 2.29 BSC 0.87 1.01 0.46 0.58 8.89 9.65 4.45 5.45 0.63 1.01 0.89 1.27 3.93 ---
Z A
3
S -T-
SEATING PLANE
1
2
K
F D G
3 PL
J H 0.13 (0.005)
M
DIM A B C D E F G H J K R S V Z
T
STYLE 1: PIN 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MJD2955/D


▲Up To Search▲   

 
Price & Availability of MJD295506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X